Part Number Hot Search : 
CEM2407 TSOP382 DCH2812D 01201 2005B 0HSR3 0000A P6KE30
Product Description
Full Text Search
 

To Download MC100LVEL33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
/4
Divider
MC100LVEL33
The MC100LVEL33 is an integrated /4 divider. The differential clock inputs and the VBB allow a differential, single-ended or AC coupled interface to the device. If used, the VBB output should be bypassed to ground with a 0.01F capacitor. Also note that the VBB is designed to be used as an input bias on the EL33 only, the VBB output has limited current sink and source capability. The LVEL is functionally equivalent to the EL33 and works from a low voltage supply. The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronization of multiple LVEL33's in a system.
* * * * * *
630ps Propagation Delay 4.0GHz Toggle Frequency High Bandwidth Output Transitions Operates from -3.3V (or 3.3V) Supply 75k Internal Input Pulldown Resistors >2000V ESD Protection
8 1
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Reset
1
R
8
VCC
CLK
2
/4
7
Q
PIN DESCRIPTION
CLK
3
6
Q
PIN CLK Reset VBB Q
FUNCTION Clock Inputs Asynch Reset Ref Voltage Output Data Ouputs
VBB
4
5
VEE
8/96
(c) Motorola, Inc. 1996
3-1
REV 0
MC100LVEL33
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol IEE VEE VBB IIH IIL Characteristic Power Supply Current Power Supply Voltage Output Reference Voltage Input HIGH Current Input LOW Current CLK Other -600 0.5 -3.0 -1.38 Min Typ 33 Max 37 -3.8 -1.26 150 -600 0.5 -3.0 -1.38 Min 0C Typ 33 Max 37 -3.8 -1.26 150 -600 0.5 -3.0 -1.38 Min 25C Typ 33 Max 37 -3.8 -3.0 Min 85C Typ 35 Max 39 -3.8 -1.26 150 -600 0.5 Unit mA V V A A
-1.26 -1.38 150
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol fMAX tPLH tPHL Characteristic Maximum Toggle Frequency Propagation Delay CLK to Q (Diff) CLK to Q (SE) Reset to Q Reset Recovery Duty Cycle Skew2 Minimum Input Swing1 Common Mode Range3 VPP < 500mV VPP 500mV Output Rise/Fall Times Q (20% - 80%) 150 -2.0 -1.8 120 -0.4 -0.4 320 Min 3.4 Typ 4.2 Max Min 3.8 0C Typ 4.2 Max Min 3.8 25C Typ 4.2 Max Min 3.8 85C Typ 4.2 Max Unit GHz
510 460 500 300
690 740 700
530 480 510 300
710 760 710
540 490 520 300
720 770 720
600 550 580 300
780 830 780
ps ps
trr tskew VPP VCMR
20 150 -2.1 -1.9 120
20 150 -0.4 -0.4 320 -2.1 -1.9 120
20 150 -0.4 -0.4 320 -2.1 -1.9 120
20
ps mV V
-0.4 -0.4 320 ps
tr tf
1. Minimum input swing for which AC parameters are guaranteed. 2. Duty cycle skew is the difference between TPLH and TPLL. 3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|.
CLK
RESET
Q
Figure 1. Timing Diagram
MOTOROLA
3-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL33
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-05 ISSUE P
-A- B
M 8 5 X 45 _
J
1 4
4X
-B-
M_ G F
NOTES: 1. DIMENSIONS A AND B ARE DATUMS AND T IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. DIMENSIONS ARE IN MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 6. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.18 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
P
0.25 (0.010)
M
-T-
8X
C
SEATING PLANE
D 0.25 (0.010)
M
K
TB
S
A
S
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
R
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 3-3
*MC100LVEL33/D*
MC100LVEL33/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100LVEL33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X